전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R1EX24008ASAS0A 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 R1EX24008ASAS0A
상세설명  Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24008ASAS0A 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button R1EX24008ASAS0A_15 Datasheet HTML 17Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 18Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 19Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 20Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 21Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 22Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 23Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 24Page - Renesas Technology Corp R1EX24008ASAS0A_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
R1EX24008AxxS0A
Sequential Read:
Sequential reads are initiated by either a current address read or a random read. If the EEPROM receives
acknowledgment “0” after 8-bit read data, the read address is incremented and the next 8-bit read data are
coming out. This operation can be continued as long as the EEPROM receives acknowledgment “0”.
The address will roll over and returns address zero if it reaches the last address of the last page. The
sequential read can be continued after roll over. The sequential read is terminated if the EEPROM
receives acknowledgment “1” (no acknowledgment) and a following stop condition.
Sequential Read Operation
Device
address
Read data (n+m)
Read data (n)
Read data (n+1) Read data (n+2)
8k
10 10
R
Stop
Start
ACK
ACK
No ACK
ACK
R/W
ACK
*1: Don't care bit
*1*1
REJ03C0352-0101 Rev.1.01 Jan. 13, 2009
Page 19 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com