전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIM2400ESM17-A000 데이터시트(PDF) 2 Page - Dynex Semiconductor

부품명 DIM2400ESM17-A000
상세설명  Single Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM2400ESM17-A000 데이터시트(HTML) 2 Page - Dynex Semiconductor

  DIM2400ESM17-A000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM2400ESM17-A000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM2400ESM17-A000
2/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
1700
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 75°C
2400
A
IC(PK)
Peak collector current
1ms, Tcase = 110°C
4800
A
Pmax
Max. transistor power dissipation
Tcase = 25°C, Tj = 150°C
20800
W
I
2t
Diode I
2t value
VR = 0, tp = 10ms, Tj = 125ºC
1080
kA
2s
Visol
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
4000
V
QPD
Partial discharge
– per module
IEC1287, V1 = 1800V, V2 = 1300V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
33mm
Clearance:
20mm
CTI (Comparative Tracking Index):
600
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance
– transistor
Continuous dissipation -
junction to case
-
-
6
°C/kW
Rth(j-c)
Thermal resistance
– diode
Continuous dissipation -
junction to case
-
-
13
°C/kW
Rth(c-h)
Thermal resistance
case to heatsink (per module)
Mounting torque 5Nm
(with mounting grease)
-
-
6
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
125
°C
Tstg
Storage temperature range
-
-40
-
125
°C
Screw torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M4
-
-
2
Nm
Electrical connections
– M8
-
-
10
Nm



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com