| 전자부품 데이터시트 검색엔진 |
|
DRD960G34 데이터시트(PDF) 2 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
DRD960G34 데이터시트(HTML) 2 Page - Dynex Semiconductor |
|
2 / 6 page ![]() DRD960G34 2/6 www.dynexsemi.com CURRENT RATINGS Tcase = 75°C unless stated otherwise Symbol Parameter Test Conditions Max. Units Double Side Cooled IF(AV) Mean forward current Half wave resistive load 1150 A IF(RMS) RMS value - 1810 A IF Continuous (direct) on-state current - 1630 A Tcase = 100°C unless stated otherwise Symbol Parameter Test Conditions Max. Units Double Side Cooled IF(AV) Mean forward current Half wave resistive load 960 A IF(RMS) RMS value - 1510 A IF Continuous (direct) on-state current - 1360 A SURGE RATINGS Symbol Parameter Test Conditions Max. Units IFSM Surge (non-repetitive) on-state current 10ms half sine, Tcase = 175°C 12.0 kA I 2t I 2t for fusing VR = 0 0.72 MA 2s |