전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1711 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN1711
상세설명  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 13Page - STMicroelectronics AN1711 Datasheet HTML 14Page - STMicroelectronics AN1711 Datasheet HTML 15Page - STMicroelectronics AN1711 Datasheet HTML 16Page - STMicroelectronics AN1711 Datasheet HTML 17Page - STMicroelectronics AN1711 Datasheet HTML 18Page - STMicroelectronics AN1711 Datasheet HTML 19Page - STMicroelectronics AN1711 Datasheet HTML 20Page - STMicroelectronics AN1711 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
2.4 NOISE FILTERING ALGORITHM
During ADC conversions it is possible that a small number of results are received which are to-
tally different from the majority of values. These are called outliers. These may be the result of
induced noise in the system. Outliers should be filtered so that the average result is not af-
fected by them. The flowchart shows how this algorithm works.
Figure 10. Flow chart for noise filtering
yes
?
range
sample = (+/-)expected
If first sample then use this value as reference for noise
filtering
Initialise ADC, variables, and select analog channel
Check
no
Average
yes
?
over
16 samples
Is
no
START
Take ADC converted value after
Use the value
Ignore the value
End of conversion
Reset the counter
and take fresh
readings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40