전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN1754 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN1754
상세설명  DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1754 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN1754 Datasheet HTML 9Page - STMicroelectronics AN1754 Datasheet HTML 10Page - STMicroelectronics AN1754 Datasheet HTML 11Page - STMicroelectronics AN1754 Datasheet HTML 12Page - STMicroelectronics AN1754 Datasheet HTML 13Page - STMicroelectronics AN1754 Datasheet HTML 14Page - STMicroelectronics AN1754 Datasheet HTML 15Page - STMicroelectronics AN1754 Datasheet HTML 16Page - STMicroelectronics AN1754 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
DATA LOGGING PROGRAM FOR TESTING ST7 APPLICATIONS VIA ICC
7 ST7 SOFTWARE
7.1 MAIN.H
/
********************************************************************
COPYRIGHT 2003 STMicroelectronics
Source File Name : main.h
Group
: IPSW,CMG - IPDF
Author
: MCD Application Team
Date First Issued: 24/09/2003
***************************Documentation****************************
General Purpose - This file is the header of the main module of ST7
software for Data logging. User needs to make certain changes in this
file for device compatibility.
**************************Revision History**************************
Date:24/09/2003
Release:1.0
*******************************************************************/
#include "ST7lib_config.h"
/* select appropriate device
*/
/****Select appropriate monitor according to the device selected****/
//#define BASIC_monitor
//#define MEDIUM_monitor
#define ADVANCED_monitor
/* If selected micro controller has medium or advanced monitor, ICC
send byte routine is used. Address of the routine for different de-
vices is provided in the ICC Protocol manual. In case of basic mon-
itor, a routine has to be as part of the user code. */
#ifdef MEDIUM_monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19