| 전자부품 데이터시트 검색엔진 |
|
UPD6461GS 데이터시트(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6461GS 데이터시트(HTML) 10 Page - NEC |
|
10 / 60 page ![]() 10 µPD6461, 6462 1.3 APPLICATION BLOCK DIAGRAMS Example of application to a camcorder (1) (in RGB+VC1+VC2 mode) (The VR, VG, VB, VBLK, VC1, BLK1, VC2, and BLK2 pins are used.) DATA CLK CS PCL µPD6461, 6462 Hsync Vsync RGB channel Character addition circuit Color viewfinder VC2 channel Image Character addition circuit Image + characters Recording system (deck) VC1 channel Character addition circuit Monitor terminal (video signal output) RGB channel: VR, VG, VB, VBLK VC1 channel: VC1, BLK1 VC2 channel: VC2, BLK2 Example of application to a camcorder (2) (in RGB+3BLK mode for RGB compatible blanking) (The VR, VG, VB, RBLK, GBLK, and BBLK pins are used.) R channel DATA CLK CS PCL µPD6461, 6462 Hsync Vsync R channel: VR, RBLK G channel: VG, GBLK B channel: VB, BBLK G channel B channel Image Character addition circuit Character addition circuit Color viewfinder Image + characters Recording system (deck) Character addition circuit Monitor terminal (video signal output) |