전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2284 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN2284
상세설명  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 데이터시트(HTML) 5 Page - STMicroelectronics

  AN2284 Datasheet HTML 1Page - STMicroelectronics AN2284 Datasheet HTML 2Page - STMicroelectronics AN2284 Datasheet HTML 3Page - STMicroelectronics AN2284 Datasheet HTML 4Page - STMicroelectronics AN2284 Datasheet HTML 5Page - STMicroelectronics AN2284 Datasheet HTML 6Page - STMicroelectronics AN2284 Datasheet HTML 7Page - STMicroelectronics AN2284 Datasheet HTML 8Page - STMicroelectronics AN2284 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AN2284
5/40
Tables
Table 1.
File Library Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 2.
Smart Card Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
Pin Assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 4.
The Answer-to-Reset Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 5.
CLA Instruction Set Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 6.
ISO 7816-4 INS Codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 7.
Firmware Package: Directories Description . . . . . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40