전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2367 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN2367
상세설명  This application note describes an optimized memory copy
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2367 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN2367 Datasheet HTML 3Page - STMicroelectronics AN2367 Datasheet HTML 4Page - STMicroelectronics AN2367 Datasheet HTML 5Page - STMicroelectronics AN2367 Datasheet HTML 6Page - STMicroelectronics AN2367 Datasheet HTML 7Page - STMicroelectronics AN2367 Datasheet HTML 8Page - STMicroelectronics AN2367 Datasheet HTML 9Page - STMicroelectronics AN2367 Datasheet HTML 10Page - STMicroelectronics AN2367 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN2367
The optimized routine
7/13
Obviously, all the declarative directives such as MODULE, PUBLIC, etc,.. must also be
changed.
2.6
Extension
From this routine, other similar optimized memory copy routines can be derived. This was
done in a form of a small library for GNU.
16-bit aligned to 32-bit aligned
32-bit aligned to 16-bit aligned
32-bit aligned to 32-bit aligned
The file is given as an additional file (memcopy.s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13