전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2415 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN2415
상세설명  Using the output detection feature of the high-brightness
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2415 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN2415 Datasheet HTML 3Page - STMicroelectronics AN2415 Datasheet HTML 4Page - STMicroelectronics AN2415 Datasheet HTML 5Page - STMicroelectronics AN2415 Datasheet HTML 6Page - STMicroelectronics AN2415 Datasheet HTML 7Page - STMicroelectronics AN2415 Datasheet HTML 8Page - STMicroelectronics AN2415 Datasheet HTML 9Page - STMicroelectronics AN2415 Datasheet HTML 10Page - STMicroelectronics AN2415 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
AN2415
10/11
4
Revision history
19
1
L1
33 µH
Inductor
DO3316P-333ML
Coilcraft
20
1
P1
CONNECTOR
DB9
CAN connector - 9 pin
21a
2
R1 and R2
10 k
Potentiometers with
axis
21b
2
R8 and R9
10 k
SMD resistors 0805
22
5
R3, R4, R5, R6
and R7
1k3
SMD resistors 1206
23
1
R10
4k7
SMD resistors 0805
24
1
R11
6k8
SMD resistors 1206
25
1
R12
2K2
SMD resistors 1206
26
1
R13
360
SMD resistors 1206
27
1
R14
560
SMD resistors 1206
28
2
SW1 and SW2
Push-button
switch
Switch
29
5
U1, U2, U3, U4
and U5
STP08CDC596 LED drivers
STP08CDC596TTR STMicroelectronics
30
1
U6
ST232ABD
RS232 driver
ST232ABD
STMicroelectronics
31
1
U7
LE50/SO
Linear voltage regulator LE50ABD
STMicroelectronics
32
1
U8
ST7lite3
Microcontroller
ST7FLITE39F2M6
STMicroelectronics
Table 1.
Bill of materials (continued)
Item Qty
Reference
Part
Description
Order code
Supplier
Table 2.
Revision history
Date
Revision
Changes
7-Sept-2006
1
Initial release.
31-Jan-2007
2
Bill of materials table and LED matrix board application diagram
modified.
08-Feb-2007
3
Bill of materials table modified.
30-Aug-2007
4
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com