전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2430 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 AN2430
상세설명  STR75x SystemMemory boot mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2430 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button AN2430 Datasheet HTML 16Page - STMicroelectronics AN2430 Datasheet HTML 17Page - STMicroelectronics AN2430 Datasheet HTML 18Page - STMicroelectronics AN2430 Datasheet HTML 19Page - STMicroelectronics AN2430 Datasheet HTML 20Page - STMicroelectronics AN2430 Datasheet HTML 21Page - STMicroelectronics AN2430 Datasheet HTML 22Page - STMicroelectronics AN2430 Datasheet HTML 23Page - STMicroelectronics AN2430 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Bootloader availability limitations
AN2430
22/24
4
Bootloader availability limitations
The bootloader feature is unavailable on some devices soldered on development tools
(starter kits or evaluation boards). Please check the date code written on the device. This
date code consists of 3 digits and is located as shown in Figure 12 below. If the device
soldered on the board displays a date code below 636, the bootloader feature is not
activated.
Note:
If available, the bootloader version number (currently at V1.1) can be obtained through the
use of the Get command. Refer to Section 1.4.1 on page 5 for further details.
ST wants to highlight that this issue ONLY impacts devices soldered on a development tool
with the affected date codes. Any sample ordered separately from ST (or its distributors) has
the bootloader feature enabled (even if date code is below 636).
To those affected by this issue, ST offers the following recommendations:
●
Use STR750 samples ordered separately (for example for building application
prototypes) to test the bootloader functionality.
●
Use the free sample service from www.st.com . From the home page, type the correct
order code in the "Search Part #" field. From the results page, click the green
"Samples" button and follow the procedure. If the "Samples" button is not available, the
stock is in the process of being renewed and can be checked again at a later date.
●
For further options or information, please contact your local distributor or ST sales
office.
Figure 12.
Datecode marking on device
A
B
CD
E
F
G
HI
J
L
a
Areas H and I on the device marking
represent the date code in the following
manner:
●
H: Year (Y)
●
I: Week (WW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24