| 전자부품 데이터시트 검색엔진 |
|
AN2504 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2504 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 14 page ![]() AN2504 - Application note Output MOSFET protection 11/14 8 Output MOSFET protection For applications requiring higher current drive capabilities an external MOSFET might be used, which protect the output of a voltage detector from overloading and destroying. It is possible to use either N channel or P channel transistor (see below). 8.1 External N-channel transistor If the load should be connected to the supply voltage during the regular operation (output, OUT, is not asserted), an external N-channel transistor will be needed (see Figure 11). When the supply voltage VCC drops below the threshold of the voltage detector, the output signal, OUT, is asserted, the external N-channel MOSFET is switched off and disconnects the load from the ground. Figure 11. Circuit with external N-channel transistor AI12913 RLOAD VCC VCC R VCC STM1061N OUT VSS |