전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2526 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN2526
상세설명  STMAV340 has 4 channels and a 2 to 1 video switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2526 데이터시트(HTML) 3 Page - STMicroelectronics

  AN2526 Datasheet HTML 1Page - STMicroelectronics AN2526 Datasheet HTML 2Page - STMicroelectronics AN2526 Datasheet HTML 3Page - STMicroelectronics AN2526 Datasheet HTML 4Page - STMicroelectronics AN2526 Datasheet HTML 5Page - STMicroelectronics AN2526 Datasheet HTML 6Page - STMicroelectronics AN2526 Datasheet HTML 7Page - STMicroelectronics AN2526 Datasheet HTML 8Page - STMicroelectronics AN2526 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN2526
Evaluation board
3/10
1
Evaluation board
The evaluation board was designed with trouble-free customer evaluation in mind. Instead
of having two sets of RGB (VGA connector) and YPbPr (RCA connector) as inputs and
branching the output to the VGA and RCA connectors, two VGA RGB inputs are connected
and the outputs go directly to single VGA connector to a display unit.
For the evaluation, the customer can connect the two sets of inputs to two VGA port of PC,
while the output can be directly connected to the VGA port of the display unit.
●
Power supply
The board can be powered either directly from a DC power supply or from a DC adaptor. If it
is powered from DC power supply, 5VDC is connected to the power socket labeled VCC5V
and the ground is connected to the power socket labeled GND. The board can also be
powered from a DC adaptor having output voltage of 7 V to 15 V. The DC adaptor voltage is
regulated to 5 V by the on board regulator. The DC adaptor can be center positive or
negative and it should be connected to the DC JACK.
To prevent the digital lines switching from coupling to the analog lines, the power distribution
is separated from digital and analog sections. Although STMAV340 has also two digital
lines, which are OE and SEL, it should still be powered from the analog supply because its
main function is to switch analog signals and those two digital lines are mostly static during
operation. Hence the analog lines are not disturbed by the digital part and, as such, there is
no need to have a separate analog and digital supply for STMAV340.
The analog and digital sections on the board are isolated by ferrite beads.
Note:
External power can be applied to either VCC5V/GND or DC JACK, but not to both.
●
Video input & output ports
There are four video input ports: VGA1, VGA2, CVBS1, and CVBS2. STMAV340 performs
the switching of these video inputs. Depending on the SEL control line, either VGA1 or
VGA2 input is directed to VGA_OUT and either CVBS1 or CVBS2 is directed to
CVBS_OUT.
Since STMAV340 does not perform the switching of VGA synchronization signals, two
STG719 are incorporated to switch both horizontal and vertical synchronization.
VGA port also has some ID signals. To prevent clashing between ID signals from VGA input
1 and 2, the ID lines are isolated by jumpers. If VGA1 is active and to be directed to
VGA_OUT, JP1 to JP4 should be closed whereas JP5 to JP8 should be opened. If VGA2 is
active and to be directed to VGA_OUT, JP5 to JP8 should be closed whereas JP1 to JP4
should be opened.
Table 1.
STMAV340 Demo board power supply
Designator
Notes
VCC5V
Connect to 5 V of external power supply.
GND
Connect to ground of external power supply.
DC JACK
Connect to DC adaptor output if the board is to be powered from DC
adaptor. Input voltage: 7 to 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com