전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD74LS138FPEL 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 HD74LS138FPEL
상세설명  3-Line-to-8-Line Decoders / Demultiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS138FPEL 데이터시트(HTML) 5 Page - Renesas Technology Corp

  HD74LS138FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS138FPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LS138
Rev.3.00, Jul.13.2005, page 3 of 7
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.7
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
0.4
IOL = 4 mA
Output voltage
VOL
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
–100
mA
VCC = 5.25 V
Supply current
ICC
6.3
10
mA
VCC = 5.25 V, Outputs enabled and open
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Note:
* VCC = 5 V, Ta = 25°C
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Output
Levels
of delay
min.
typ.
max.
Unit
Condition
tPLH
13
20
ns
tPHL
2
27
41
ns
tPLH
18
27
ns
tPLH
Binary
select
A, B, C
Y
3
26
39
ns
tPLH
12
18
ns
tPHL
Enable
G2A, G2B
2
21
32
ns
tPLH
17
26
ns
Propagation
delay time
tPLH
Enable
G1
Y
3
25
38
ns
CL = 15 pF,
RL = 2 k



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com