전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2591 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 AN2591
상세설명  In certain applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2591 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button AN2591 Datasheet HTML 11Page - STMicroelectronics AN2591 Datasheet HTML 12Page - STMicroelectronics AN2591 Datasheet HTML 13Page - STMicroelectronics AN2591 Datasheet HTML 14Page - STMicroelectronics AN2591 Datasheet HTML 15Page - STMicroelectronics AN2591 Datasheet HTML 16Page - STMicroelectronics AN2591 Datasheet HTML 17Page - STMicroelectronics AN2591 Datasheet HTML 18Page - STMicroelectronics AN2591 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AN2591
Using the External Memory Interface for I/O expansion
17/19
Example of software that gets the value on the 16-bit buffer inputs and writes it in the 16-bit
latch outputs. The two devices are available in bank0 (CSn.x = CSn.0):
int main(void)
{
u16 a;
u16 *Buffer_Data16_in = (u16*)0x60000002; /* Initialize the buffer
address to 0x60000002 */
u16 *Latch_Data16_out = (u16*)0x60000001; /* Initialize the latch
address to 0x60000001 */
*(u16*)0x6C000000 = 0x8005; /* Configure EMI_BCON0 register:
- 16 bit data bus wide
- 1 wait state
- Enable bank 0 */
while(1)
{
a = *Buffer_Data16_in; /* Get the value available on inputs
of the external buffer */
*Latch_Data16_out = a; /* Write this value in the external
latch */
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19