전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2675 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN2675
상세설명  STR91xFA in-application programming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2675 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN2675 Datasheet HTML 7Page - STMicroelectronics AN2675 Datasheet HTML 8Page - STMicroelectronics AN2675 Datasheet HTML 9Page - STMicroelectronics AN2675 Datasheet HTML 10Page - STMicroelectronics AN2675 Datasheet HTML 11Page - STMicroelectronics AN2675 Datasheet HTML 12Page - STMicroelectronics AN2675 Datasheet HTML 13Page - STMicroelectronics AN2675 Datasheet HTML 14Page - STMicroelectronics AN2675 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN2675
IAP using TFTP
11/24
2.4
Running the IAP application
2.4.1
User project configuration
●
The user application to be loaded must be built at address 0x80000 which is the
location of Bank0 if it has been remapped. There is no need to remap Bank0 and
Bank1 as this has already been done in the IAP software.
●
In the file 91x_fmi.h, uncomment the line "#define Remap_Bank_1" to be compatible
with the bank remapping.
An example is provided with this application to show the project settings of a user program
which can be loaded in the STR91xFA internal Flash using IAP.
2.4.2
PC configuration
If your local network already supports DHCP and TFTP, you can skip this part and use your
existing installation.
To implement both DHCP and TFTP servers we will use the Philippe Jounin's TFTPD32
software.
●
Install and start the TFTPD32. It should look like this:
Figure 8.
Tftd32 main dialog box
●
Click on the button labeled Settings. This will open a new dialog box.
●
The Base Directory is the subdirectory of the file to upload. Select your own
subdirectory using the browser.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24