전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD6708GS 데이터시트(PDF) 48 Page - NEC

부품명 UPD6708GS
상세설명  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD6708GS 데이터시트(HTML) 48 Page - NEC

Back Button UPD6708GS Datasheet HTML 44Page - NEC UPD6708GS Datasheet HTML 45Page - NEC UPD6708GS Datasheet HTML 46Page - NEC UPD6708GS Datasheet HTML 47Page - NEC UPD6708GS Datasheet HTML 48Page - NEC UPD6708GS Datasheet HTML 49Page - NEC UPD6708GS Datasheet HTML 50Page - NEC UPD6708GS Datasheet HTML 51Page - NEC UPD6708GS Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
48
µPD6708
8.
EXAMPLE OF HOST CONTROLLER PROCESSING FLOW
This chapter presents an example of the host controller processing flow for controlling the
µPD6708 via the serial interface
(SCK, SO, and SI pins).
The host controller processing flow comprises the following routines.
• Main routine
• Interrupt service routine
8.1
Main Routine
Note
The equipment control routine is a routine which performs host controller application processing. When controlling
the
µPD6708, set the Crq flag when there is a command request.
See 8.3.1
Start
Equipment initialization
PD6708
initialization routine
µ
Crq Note
1
0
Command processing
routine
Equipment control routine Note
See 8.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72