전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2776 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN2776
상세설명  The purpose of this application note is to explain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2776 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN2776 Datasheet HTML 10Page - STMicroelectronics AN2776 Datasheet HTML 11Page - STMicroelectronics AN2776 Datasheet HTML 12Page - STMicroelectronics AN2776 Datasheet HTML 13Page - STMicroelectronics AN2776 Datasheet HTML 14Page - STMicroelectronics AN2776 Datasheet HTML 15Page - STMicroelectronics AN2776 Datasheet HTML 16Page - STMicroelectronics AN2776 Datasheet HTML 17Page - STMicroelectronics AN2776 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
FWLib V1.0 to V2.0 migration steps
AN2776
14/20
} USART_InitTypeDef;
In FWLib V2.0, this driver was updated to support the new UART4 and UART5 peripherals
present in High-density devices. UART4 and UART5 do not support synchronous operations
like Smartcard mode and SPI-like communication.
USART_Init
was split up into two functions:
USART_Init
It is used for basic and asynchronous parameter configuration of USART1, USART2,
USART3, UART4 and UART5:
USART_Init(USART_TypeDef* USARTx, USART_InitTypeDef* USART_InitStruct)
The USART_InitTypeDef structure definition is modified as follows:
typedef struct
{
u32 USART_BaudRate;
u16 USART_WordLength;
u16 USART_StopBits;
u16 USART_Parity;
u16 USART_Mode;
u16 USART_HardwareFlowControl;
} USART_InitTypeDef;
As a result, in code based on FWLib V1.0, if the application does not use the synchronous
parameters, update the code as given in the following example:
USART configuration based on FWLib V1.0:
USART_InitStructure.USART_BaudRate = 115200;
USART_InitStructure.USART_WordLength = USART_WordLength_8b;
USART_InitStructure.USART_StopBits = USART_StopBits_1;
USART_InitStructure.USART_Parity = USART_Parity_No ;
USART_InitStructure.USART_HardwareFlowControl = USART_HardwareFlowControl_None;
USART_InitStructure.USART_Mode = USART_Mode_Rx | USART_Mode_Tx;
USART_InitStructure.USART_Clock = USART_Clock_Disable;
USART_InitStructure.USART_CPOL = USART_CPOL_Low;
USART_InitStructure.USART_CPHA = USART_CPHA_2Edge;
USART_InitStructure.USART_LastBit = USART_LastBit_Disable;
/* Configure USART1 */
USART_Init(USART1, &USART_InitStructure);
In FWLib V2.0, the USART_Clock, USART_CPOL, USART_CPHA and USART_LastBit
structure members were removed:
USART_InitStructure.USART_BaudRate = 115200;
USART_InitStructure.USART_WordLength = USART_WordLength_8b;
USART_InitStructure.USART_StopBits = USART_StopBits_1;
USART_InitStructure.USART_Parity = USART_Parity_No ;
USART_InitStructure.USART_HardwareFlowControl = USART_HardwareFlowControl_None;
USART_InitStructure.USART_Mode = USART_Mode_Rx | USART_Mode_Tx;
/* Configure USART1 basic and asynchronous paramters */
USART_Init(USART1, &USART_InitStructure);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20