전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2859 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 AN2859
상세설명  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 4Page - STMicroelectronics AN2859 Datasheet HTML 5Page - STMicroelectronics AN2859 Datasheet HTML 6Page - STMicroelectronics AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics AN2859 Datasheet HTML 10Page - STMicroelectronics AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Multiplexed diagnostics
AN2859
8/29
DocID15255 Rev 2
Figure 11. Case 9: VSTATE toggles between V2 and V0 at each AC line cycle
Figure 12. Case 10: VSTATE toggles between V1 and V0 at each AC line cycle
ACS1 is failed in diode mode and ACS2 is failed in short circuit
VCC
V2
V1
V0
ILoad_1
ILoad_2
VCC
R1
R2
R3
R4
VSTATE
VAVF2
VAVF1
AVF
AVF
AC
AC
V
/COM
CC
RAC
V
/COM
CC
ACS2
ACS1
Load1
Line
Load2
Line
ILoad_2
ILoad_1
RShunt
RAC
RShunt
VAC
VAC
VSTATE
STCC082
STCC081
V3
IN2
IN1
G
G
VAC
VAC
V2
V1
V0
ILoad_1
ILoad_2
VCC
VCC
R1
R2
R3
R4
VSTATE
VAVF2
VAVF1
AVF
AVF
AC
AC
RAC
V
/COM
CC
ACS2
ACS1
Load1
Line
Load2
Line
ILoad_1
RShunt
RAC
RShunt
VAC
VAC
VSTATE
STCC082
STCC081
V3
IN2
IN1
G
G
V
/COM
CC
ILoad_2
VAC
VAC
ACS1 is failed in shot circuit and ACS2 is failed in diode mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29