전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M66591GP 데이터시트(PDF) 77 Page - Renesas Technology Corp

부품명 M66591GP
상세설명  ASSP (USB2.0 Peripheral Controller)
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66591GP 데이터시트(HTML) 77 Page - Renesas Technology Corp

Back Button M66591GP_15 Datasheet HTML 73Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 74Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 75Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 76Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 77Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 78Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 79Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 80Page - Renesas Technology Corp M66591GP_15 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 135 page
background image
M66591GP
Rev .1.00 Nov . 30, 2004 page 75 of 131
3.2 M66591 Initial Setting and Clock Control
This chapter explains the method of initial setting, the detection method of attach/detach to the host, and the
execution method of clock control and remote wakeup in suspend/resume concerning M66591.
3.2.1
M66591 Initial Setting
In initial setting process of the M66591, USB operation is enabled and input of the VBUS pin is confirmed by
polling the VBUSSTS bit of Interrupt Status Register 0. According to the input status of the VBUS pin, either the
VBUS interrupt waiting process or the USB attach processing is executed.
If VBUSSTS bit is “0”, M66591 is not connected to the host, enable the VBUS interrupt and wait for connection to
the host.
If VBUSSTS bit is “1”, M66591 is already connected to the host before initial setting, execute attach processing.
The detailed process flowchart is shown in Figure 3.3.
Further, as the VBUS pin is directly input from the VBUS pin of the USB connector, chattering removal process by
software is required for confirmation of the input status.
Waiting for VBUS
interrupt
Clearing all registers
Confirm VBUSSTS
status.
USB attach
processing
USB Initial
VBUSSTS='1'
in connecting
VBUSSTS='0'
in not connecting
Clear all necessary registers of the M66591.
Enable USB operation.
Confirm the connect status after hardware reset by
polling VBUS pin. It is necessary to filter chattering when
polling VBUS pin.
As it is already connected to a PC as a result of the polling
of the VBUS pin, execute USB attach processing.
As it is not connected to a PC as a result of the polling of
the VBUS pin, enable the VBUS interrupt then wait for
connection.
Setting XTAL
Enable clock of the M66591 according to the oscillator
used for the system.
All the necessary interrupts are enabled.
Enabling necessary
interrupt
Enabling USB
operation
(USBE='1')
Figure 3.3 M66591 Initial Setting Process Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com