전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2866 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN2866
상세설명  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 5Page - STMicroelectronics AN2866 Datasheet HTML 6Page - STMicroelectronics AN2866 Datasheet HTML 7Page - STMicroelectronics AN2866 Datasheet HTML 8Page - STMicroelectronics AN2866 Datasheet HTML 9Page - STMicroelectronics AN2866 Datasheet HTML 10Page - STMicroelectronics AN2866 Datasheet HTML 11Page - STMicroelectronics AN2866 Datasheet HTML 12Page - STMicroelectronics AN2866 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN2866
Calculating the antenna coil inductance
9/24
Figure 7.
Antenna design procedure
Compute Lant based on
Ctun and f0
Determining the parameters
for 2nd run
Run 2
Run 1
ai15807
Define the antenna's
mechanical dimensions
Definition of the antenna matrix
Design matrix (Lant; Lant+5%; Lant–5%)
Production of coil prototypes
Characterization of coil
prototypes
Determining the best coil
parameters
Definition of the antenna matrix
Design matrix (Lant; Lant+2%; Lant–2%)
Production of coil prototypes
Characterization of coil
prototypes
Determining the best coil
parameters
Select an RFID product
(SR or LR)
Select a Ctunvalue
(see available values in product datasheet)
Fix the f0 target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com