| 전자부품 데이터시트 검색엔진 |
|
AN2867 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2867 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 41 page ![]() Table 7. Recommended crystal resonators for LSE oscillator embedded in STM32 microcontrollers Package Manufacturer Quartz Ref/ Part number ESR Max(Ω) Frequency (Hz) C0 (pF) CL (pF) gm_crit_max (µA/V) Compatible STM32 1.6x1.0mm RIVER TFX04 90000 32768 1 5 0,5494 F0,F1,F2,F3,F4,L0,L1 1.6x1.0mm EPSON FC1610AN 90000 32768 1,2 5 0,5866 F0,F1,F3,F411, L0,L1 1.6x1.0mm KYOCERA ST1610SB32768C0 90000 32768 1,5 7 1,1026 F0,F3,F411,L0 1.6x1.0mm RIVER TFX04 90000 32768 1 9 1,5260 F0,F3,L0 2.0x1.25mm EPSON FC-12M 90000 32768 1 5 0,5494 F0,F1,F2,F3,F4,L0,L1 2.0x1.2mm MicroCrystal CM8V-T1A 75000 32768 1,1 4 0,3308 F0,F1,F2,F3,F4,L0,L1 2.0x1.2mm ABRACON ABS06-107-32.768KHz-T 80000 32768 1,7 4 0,4407 F0,F1,F2,F3,F4,L0,L1 2.0x1.2mm KYOCERA ST2012SB32768A0 80000 32768 1,3 5 0,5384 F0,F1,F2,F3,F4,L0,L1 2.0x1.2mm RIVER TFX03/TFX03L 90000 32768 1 5 0,5494 F0,F1,F2,F3,F4,L0,L1 2.0x1.2mm MicroCrystal CM8V-T1A 75000 32768 1,1 9 1,2972 F0,F3,F411,L0 2.0x1.2mm KYOCERA ST3215SB32768E0 80000 32768 1,3 9 1,4391 F0,F3,F411,L0 2.0x1.2mm NDK NX2012SA - EXS00A-MU00524 80000 32768 1,3 7 0,9345 F1,F0,F3,L0,F411 2.0x1.2mm NDK NX2012SA - EXS00A-MU00528 80000 32768 1,3 12,5 2,5833 F0,F3,L0 3.2x1.5mm ABRACON ABS07-120-32.768KHz-T 60000 32768 1,2 6 0,5274 F0,F1,F2,F3,F4,L0,L1 3.2x1.5mm EPSON FC135R 50000 32768 1,1 6 0,4274 F0,F1,F2,F3,F4,L0,L1 3.2x1.5mm EPSON FC135 70000 32768 1 6 0,5816 F0,F1,F2,F3,F4,L0,L1 3.2x1.5mm KYOCERA ST3215SB32768A0 70000 32768 0,9 5 0,4132 F0,F1,F2,F3,F4,L0,L1 3.2x1.5mm KYOCERA ST3215SB32768E0 70000 32768 0,9 9 1,1633 F0,F3,F411,L0 3.2x1.5mm MicroCrystal CM7V-T1A 50000 32768 1,2 7 0,5701 F0,F1,F2,F3,F4,L0,L1 3.2x1.5mm NDK NX3215SA - EXS00A-MU00525 50000 32768 1 6 0,4154 F0,F1,F3,F4,L0,L1 3.2x1.5mm NDK NX3215SA - EXS00A-MU00523 50000 32768 1 7 0,5426 F0,F1,F3,F4,L1 3.2x1.5mm NDK NX3215SA - EXS00A-MU00526 70000 32768 1 12,5 2,1631 F0,F3,L0,L4 3.2x1.5mm RIVER TFX02 70000 32768 1 7 0,7596 F0,F1,F3,F411,L0 8.0x3.8mm EPSON MC306 50000 32768 0,9 6 0,4036 F0,F1,F2,F3,F4,L0,L1 8.0x3.8mm EPSON MC306 50000 32768 0,9 12,5 1,5223 F0,F3,L0 8.0x3.8mm ABRACON ABS26 50000 32768 1,35 12,5 1,6263 F0,F3,L0 |