전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN2927 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN2927
상세설명  RC acquisition principle for touch sensing applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2927 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN2927 Datasheet HTML 4Page - STMicroelectronics AN2927 Datasheet HTML 5Page - STMicroelectronics AN2927 Datasheet HTML 6Page - STMicroelectronics AN2927 Datasheet HTML 7Page - STMicroelectronics AN2927 Datasheet HTML 8Page - STMicroelectronics AN2927 Datasheet HTML 9Page - STMicroelectronics AN2927 Datasheet HTML 10Page - STMicroelectronics AN2927 Datasheet HTML 11Page - STMicroelectronics AN2927 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN2927
Firmware implementation
9/12
3.4
Multi-acquisitions and HF noise rejection
To improve the measurement accuracy and reject high frequency (HF) noise, it is necessary
to perform these VIH and VIL measurements several times before determining that the key is
effectively “touched”. This number of acquisitions is calculated using one of two variables:
the first one is fixed and dependent on the MCU core and the other one is configurable
(through the configuration file of the TS library).
For information, the number of fixed acquisitions is set to ‘8’ for STM8 devices (8 VIH
measurements + 8 VIL measurements).
Figure 9.
Types of acquisitions
Note:
The configurable acquisition number (N) can be set differently in the configuration file of the
TS Library for the single-channel keys and for the multi-channel keys.
The figures below illustrate examples of HF noise rejection. If the acquisition number (N) is
set to 4, a complete acquisition of one electrode will consist of 4 correct “burst groups”
(BGs). The word “correct” means that all measurements inside the group remain between a
minimum and a maximum limit.
These example show different scenarios depending on the level of noise. The green line
means that the VIH/VIL measurement is correct, and the red line indicates an incorrect
VIH/VIL measurement.
Figure 10 shows an example where there is no noise and no measurements are rejected.
In this example, all the measurements inside each burst group pass. The complete
acquisition is done quickly.
Figure 10.
Example 1
t
“Touched effect”
Fixed number of VIH/VIL measurements
Configurable acquisition number (N)
Fixed (“burst group”)
Start electrode acquisition
Acquisition OK
BG1
Pass
BG3
Pass
BG2
Pass
BG4
Pass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com