| 전자부품 데이터시트 검색엔진 |
|
AN2945 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2945 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 18 page ![]() AN2945 Peripherals Doc ID 15468 9/18 Table 4 lists the common peripherals, highlighting the coherency between products at register, bit and feature level. Although the timers seem different with many distinct configurations, their architecture across and within the product families is the same. There are only variations of a single timer architecture. From the superset, sub-blocks can optionally be stripped to decrease the number of capture/compare channels or remove options necessary only for a few specific applications such as motor control. Table 4. Peripherals shared between STM8 and STM32 devices Peripheral names STM32 STM8 Independent watchdog (IWDG) Window watchdog (WWDG) Serial peripheral interface (SPI) Inter-integrated circuit (I2C) interface Universal synchronous/asynchronous receiver/transmitter (USART) Advanced-control timers 16-bit advanced-control timer General-purpose timer 16-bit general-purpose timers Basic timer 8-bit basic timer |