| 전자부품 데이터시트 검색엔진 |
|
UPD703003GC-25 데이터시트(PDF) 20 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD703003GC-25 데이터시트(HTML) 20 Page - NEC |
|
20 / 82 page ![]() µPD703003 20 Data Sheet U12261EJ2V1DS00 Table 6-1. List of Interrupts (2/2) Interrupt/Exception Source Default Exception Handler Restored Type Category Name Control Trigger Source Unit Priority Register Level Code Address PC Maskable Interrupt INTCSI3 CSIC3 CSI3 transmit/receive completion SIO 24 0200H 00000200H nextPC Interrupt INTSER0 SEIC0 UART0 receive error SIO 25 0210H 00000210H nextPC Interrupt INTSR0 SRIC0 UART0 receive completion SIO 26 0220H 00000220H nextPC Interrupt INTST0 STIC0 UART0 transmit completion SIO 27 0230H 00000230H nextPC Interrupt INTSER1 SEIC1 UART1 receive error SIO 28 0240H 00000240H nextPC Interrupt INTSR1 SRIC1 UART1 receive completion SIO 29 0250H 00000250H nextPC Interrupt INTST1 STIC1 UART1 transmit completion SIO 30 0260H 00000260H nextPC Interrupt INTAD ADIC A/D conversion completion ADC 31 0270H 00000270H nextPC Remarks 1. Default priority: The default priority level is the level that takes precedence when multiple maskable interrupt requests having the same priority level occur at the same time. The highest priority level is level 0. Restored PC: This is the PC value that is saved to EIPC or FEPC when interrupt or exception handling is started. However, if an interrupt occurs during execution of the DIVH (divide) instruction, the restored PC value is the PC value of the current instruction (DIVH). 2. The invalid instruction execution address can be obtained using (restored PC-4) when an invalid instruction code exception occurs. |