| 전자부품 데이터시트 검색엔진 |
|
AN3139 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3139 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 63 page ![]() SPIx "/*Updated functions*/ 1/ void SPI_Init(SPI_FirstBit_TypeDef SPI_FirstBit, SPI_BaudRatePrescaler_TypeDef SPI_BaudRatePrescaler, SPI_Mode_TypeDef SPI_Mode, SPI_CPOL_TypeDef SPI_CPOL, SPI_CPHA_TypeDef SPI_CPHA, SPI_DirectionMode_TypeDef SPI_Data_Direction, SPI_NSS_TypeDef SPI_Slave_Management);" "/* New functions */ 1/ void SPI_TransmitCRC(SPI_TypeDef* SPIx); 2/ void SPI_CalculateCRCCmd(SPI_TypeDef* SPIx, FunctionalState NewState); 3/ uint8_t SPI_GetCRC(SPI_TypeDef* SPIx, SPI_CRC_TypeDef SPI_CRC); 4/ void SPI_ResetCRC(SPI_TypeDef* SPIx); 5/ uint8_t SPI_GetCRCPolynomial(SPI_TypeDef * SPIx); 6/ void SPI_DMACmd(SPI_TypeDef* SPIx, SPI_DMAReq_TypeDef SPI_DMAReq, FunctionalState NewState); "/* New functions */ 1/ void SPI_TransmitCRC(SPI_TypeDef* SPIx); 2/ void SPI_CalculateCRCCmd(SPI_TypeDef* SPIx, FunctionalState NewState); 3/ uint8_t SPI_GetCRC(SPI_TypeDef* SPIx, SPI_CRC_TypeDef SPI_CRC); 4/ void SPI_ResetCRC(SPI_TypeDef* SPIx); 5/ uint8_t SPI_GetCRCPolynomial(SPI_TypeDef * SPIx); 6/ void SPI_DMACmd(SPI_TypeDef* SPIx, SPI_DMAReq_TypeDef SPI_DMAReq, FunctionalState NewState); "/* New functions */ 1/ void SPI_TransmitCRC(SPI_TypeDef* SPIx); 2/ void SPI_CalculateCRCCmd(SPI_TypeDef* SPIx, FunctionalState NewState); 3/ uint8_t SPI_GetCRC(SPI_TypeDef* SPIx, SPI_CRC_TypeDef SPI_CRC); 4/ void SPI_ResetCRC(SPI_TypeDef* SPIx); 5/ uint8_t SPI_GetCRCPolynomial(SPI_TypeDef * SPIx); 6/ void SPI_DMACmd(SPI_TypeDef* SPIx, SPI_DMAReq_TypeDef SPI_DMAReq, FunctionalState NewState); Table 2. STM8L firmware library compatibility (continued) Peripheral STM8L10x STM8L15x/STM8L16x Low density STM8L10x Low density STM8L15x Medium density STM8L15x Medium+/High density STM8L15x/ High density STM8L16x |