전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3156 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 AN3156
상세설명  USB DFU protocol used in the STM32 bootloader
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3156 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button AN3156 Datasheet HTML 18Page - STMicroelectronics AN3156 Datasheet HTML 19Page - STMicroelectronics AN3156 Datasheet HTML 20Page - STMicroelectronics AN3156 Datasheet HTML 21Page - STMicroelectronics AN3156 Datasheet HTML 22Page - STMicroelectronics AN3156 Datasheet HTML 23Page - STMicroelectronics AN3156 Datasheet HTML 24Page - STMicroelectronics AN3156 Datasheet HTML 25Page - STMicroelectronics AN3156 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
DocID017068 Rev 4
25/26
AN3156
Revision history
25
7
Revision history
Table 6. Document revision history
Date
Revision
Changes
09-Mar-2010
1
Initial release.
15-Apr-2011
2
Introduced bootloader version V2.0 and V2.1 and update description
of bootloader sequence n Section 1. Added Figure 2: Bootloader for
other STM32 devices.
Updated allowed number of bytes when reading from option byte
area, and added other memory locations in Section 4.1: Read
memory.
Updated allowed number of bytes when writing to option byte area,
and added other memory locations in Section 5.1: Write memory.
Added bootloader V2.1 in Section 6.
12-Feb-2013
3
Changed title for Figure 1: Bootloader for STM32 connectivity line
devices.
Updated Figure 2: Bootloader for other STM32 devices including
title.
Added Note: below Figure 2.
Added Table 1: Applicable products.
30-Apr-2014
4
Updated Table 1: Applicable products and Table 5: Bootloader
protocol versions.
Updated Section 1: Bootloader code sequence.
Removed section dedicated to Device-dependent bootloader
parameters.
Updated Figure 2: Bootloader for other STM32 devices and added
footnote 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26