전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3208 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN3208
상세설명  Microstepping motor drive with STM8A and STM8S microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3208 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN3208 Datasheet HTML 3Page - STMicroelectronics AN3208 Datasheet HTML 4Page - STMicroelectronics AN3208 Datasheet HTML 5Page - STMicroelectronics AN3208 Datasheet HTML 6Page - STMicroelectronics AN3208 Datasheet HTML 7Page - STMicroelectronics AN3208 Datasheet HTML 8Page - STMicroelectronics AN3208 Datasheet HTML 9Page - STMicroelectronics AN3208 Datasheet HTML 10Page - STMicroelectronics AN3208 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AN3208
Types of stepper motor
Doc ID 17411 Rev 1
7/19
2.2
Permanent magnet (PM) motor
This motor is known as a tin-can or can-stock motor. The permanent magnet stepper motor
is a low cost and low resolution type motor with a typical step angle of 7.5 ° to 15 °. PM
motors use permanent magnets and the rotor does not have the teeth of the VR motor. The
PM motor has improved torque characteristics compared with the VR motor.
Figure 4.
Permanent magnet motor
2.3
Hybrid synchronous motor
The hybrid stepper motor contains features of both the PM and VR motors. Hybrid motors
are more expensive than PM stepper motors but provide better performance regarding step
resolution, torque and speed. Typical step angles for the hybrid motor range from 3.6 ° to 0.9
°.The rotor is multi-toothed like the VR motor and contains an axially magnetized concentric
magnet around its shaft. The teeth on the rotor provide an even better path which helps
guide the magnetic flux to preferred locations in the air gap. This further increases the
detent, holding, and dynamic torque characteristics of the motor compared with both VR
and PM motors.
Figure 5.
Hybrid synchronous motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com