전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3250 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN3250
상세설명  M24LR64-R Multi-bank reference design description and settings
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3250 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN3250 Datasheet HTML 8Page - STMicroelectronics AN3250 Datasheet HTML 9Page - STMicroelectronics AN3250 Datasheet HTML 10Page - STMicroelectronics AN3250 Datasheet HTML 11Page - STMicroelectronics AN3250 Datasheet HTML 12Page - STMicroelectronics AN3250 Datasheet HTML 13Page - STMicroelectronics AN3250 Datasheet HTML 14Page - STMicroelectronics AN3250 Datasheet HTML 15Page - STMicroelectronics AN3250 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Setting up a Multi-Bank application
AN3250
14/16
Doc ID 17761 Rev 1
3.2.3
Both Microcontroller and RFID reader are available during setup
The setup process starts exactly as in Section 3.2.1: Microcontroller only is available during
setup.
Once the bank UIDs are programmed in the mapping area, an RF operation can be
performed in order to further speed up RF communications by programming the bank UID
number stored in the DSFID area. As the DSFID content of each M24LR64-R device (bank)
is available during the inventory round, an RFID reader immediately knows with which
device it will communicate.
Figure 12.
The following operation is to be performed with an ISO 15693 RFID reader supporting the
M24LR64-R device, and by placing only one Multi-Bank card (ANT4-M24LR-A or ANT5-
M24LR-A) at a time in the RF reader's field:
●
Perform an RF Inventory round.
●
Read the last block of each bank until reaching the mapping area.
●
Read the UID value for each bank:
UID 0 = BANK 0
UID 1 = BANK 1
UID 2 = BANK 2
UID 3 = BANK 3
Ai18135
UID D
UID C
UID B
UID A
DSFID = B0h
DSFID = B1h
DSFID = B2h
DSFID = B3h
Bank D
=
Bank 0
Bank C
=
Bank 1
Bank B
=
Bank 2
Bank A
=
Bank 3
E0 = 0, E1 = 0
( = Bank 0)
E0 = 1, E1 = 0
( = Bank 1)
E0 = 0, E1 = 1
( = Bank 2)
E0 = 1, E1 = 1
( = Bank 3)
Microcontroller or ASIC
UIDD
UIDC
UIDB
UIDA
E0E1/UID
Mapping
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16