전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3262 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN3262
상세설명  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 7Page - STMicroelectronics AN3262 Datasheet HTML 8Page - STMicroelectronics AN3262 Datasheet HTML 9Page - STMicroelectronics AN3262 Datasheet HTML 10Page - STMicroelectronics AN3262 Datasheet HTML 11Page - STMicroelectronics AN3262 Datasheet HTML 12Page - STMicroelectronics AN3262 Datasheet HTML 13Page - STMicroelectronics AN3262 Datasheet HTML 14Page - STMicroelectronics AN3262 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN3262
Bootloader command set
Doc ID 17845 Rev 2
11/27
3.3
GET ID command
The GET ID command is used to get the version of the chip ID (identification). When the
bootloader receives the command, it transmits the device ID to the host.
The STM32 device sends the following bytes:
Byte 1:
ACK
Byte 2:
N = the number of bytes - 1
(N = 1 for STM32), except for current byte and ACKs.
Bytes 3-4: PID (Byte 3 = 0x09, Byte 4 = 0xA8)
Byte 5:
ACK
All information sent by the device starting from the first ACK/NACK to the last ACK/NACK is
contained inside a single 802.15.4 packet as shown in Figure 14.
Figure 12.
GET ID command (host side)
1.
GID = Get ID command.
Ai14635
Wait for ACK
or NACK
Receive N = number of bytes – 1
Wait for ACK
or NACK
End of GID(1)
NACK
ACK
Send 0x02+0xFD
Start GID(1)
Receive PID
NACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27