전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3320 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 AN3320
상세설명  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 21Page - STMicroelectronics AN3320 Datasheet HTML 22Page - STMicroelectronics AN3320 Datasheet HTML 23Page - STMicroelectronics AN3320 Datasheet HTML 24Page - STMicroelectronics AN3320 Datasheet HTML 25Page - STMicroelectronics AN3320 Datasheet HTML 26Page - STMicroelectronics AN3320 Datasheet HTML 27Page - STMicroelectronics AN3320 Datasheet HTML 28Page - STMicroelectronics AN3320 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN3320
Reference design
Doc ID 18267 Rev 2
25/29
Figure 14.
STM32F207IG(H6) microcontroller reference schematic
1.
If no external battery is used in the application, it is recommended to connect VBAT externally to VDD.
2.
To be able to reset the device from the tools this resistor has to be kept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29