| 전자부품 데이터시트 검색엔진 |
|
AN3394 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3394 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() AN3394 Main criteria for key antenna design Doc ID 018754 Rev 5 19/29 4.3 Inductance of a square antenna Equation 3 , where: ● dant= (dout + din)/2 in millimeters, where: dout = outer diameter din = inner diameter ● p = (dout – din)/(dout + din) in millimeters ● K1 and K2 depend on the layout (refer to Table 1 for values) Figure 18. Square antennas 4.4 ST antenna calculation tool ST provides a simplified software tool (antenne.exe) to compute rectangular planar antenna inductances. This tool gives good approximations of the inductance value. It is recommended to verify the obtained results. ST tool is based on the Grover method (see Equation 4.1: Grover method). Equation 4.1: Grover method , where: ● M is the mutual inductance between each of the antenna segments ● L0 is as given by Equation 4.2 , where: ● s is the number of segments ● Lj is the self inductance of each segment Table 1. K1 and K2 values depending on layout Layout K1 K2 Square 2.34 2.75 Hexagonal 2.33 3.82 Octagonal 2.25 3.55 L ant K1 μ 0 × N 2 × d ant 1K2 p ⋅ + ------------------------- × = L ant L 0 M ∑ + = L 0 L j j1 = s ∑ = |