전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3955 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 AN3955
상세설명  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 27Page - STMicroelectronics AN3955 Datasheet HTML 28Page - STMicroelectronics AN3955 Datasheet HTML 29Page - STMicroelectronics AN3955 Datasheet HTML 30Page - STMicroelectronics AN3955 Datasheet HTML 31Page - STMicroelectronics AN3955 Datasheet HTML 32Page - STMicroelectronics AN3955 Datasheet HTML 33Page - STMicroelectronics AN3955 Datasheet HTML 34Page - STMicroelectronics AN3955 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
31/68
The ISO14443A_HLTA function sends an HLTA command to a contactless tag. Table 36
describes the ISO14443A_HLTA function.
Table 36.
ISO14443A_HLTA function description
The ISO14443A_AnticollisionLevel1 function sends an anticollision (level 1)
command to a contactless tag.
Table 37 describes the ISO14443A_AnticollisionLevel1 function.
Table 37.
ISO14443A_AnticollisionLevel1 function description
The ISO14443A_AnticollisionLevel2 function sends an anticollision (level 2)
command to a contactless tag.
Table 38 describes the ISO14443A_AnticollisionLevel2 function.
Table 38.
ISO14443A_AnticollisionLevel2 function description
Prototype
int8_t ISO14443A_HLTA (uint8_t *pResponse);
Input parameter
None
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The HLTA command is successfully emitted to a contactless tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code
Prototype
int8_t ISO14443A_AnticollisionLevel1 (uint8_t
*pResponse);
Input parameter
None
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The anticollision (level 1) command is successfully emitted to a
contactless tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code.
Prototype
int8_t ISO14443A_AnticollisionLevel2 (uint8_t
*pResponse);
Input parameter
None
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The anticollision (level 2) command is successfully emitted to a
contactless tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68