전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3972 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN3972
상세설명  This document describes how to use the STM3210C-EVAL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3972 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN3972 Datasheet HTML 13Page - STMicroelectronics AN3972 Datasheet HTML 14Page - STMicroelectronics AN3972 Datasheet HTML 15Page - STMicroelectronics AN3972 Datasheet HTML 16Page - STMicroelectronics AN3972 Datasheet HTML 17Page - STMicroelectronics AN3972 Datasheet HTML 18Page - STMicroelectronics AN3972 Datasheet HTML 19Page - STMicroelectronics AN3972 Datasheet HTML 20Page - STMicroelectronics AN3972 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Demo setup
AN3972
18/21
Doc ID 022161 Rev 1
If it is available, the simplest method to use the PC as gateway is to share the Internet
connection and enable the web server service from the settings specifying the board IP
address. If the PC is configured correctly it works as a gateway with IP address 192.168.0.1;
the subnet mask of the LAN is set accordingly and if the board has, for example, an IP
address like 192.168.0.xxx, the subnet mask is set to 255.255.255.0, so it is enough to
configure the IP addresses set of the board accordingly; from a PC connected to the
Internet write the public IP address of the PC in the address bar to reach the web server
running on the STM3210C-EVAL board. Figure 11 shows a typical demo setup.
Figure 11.
Demo setup
4.1
HTTP server limitations
The system has been tested with several Internet browsers and some limitation has been
found with the following browsers:
●
Opera
●
Mozilla
●
Safari
The limitations are related mainly to the page formatting and, in the case of Safari, to the
POST management as well.
Full compatibility is only achieved with Internet Explorer and Google Chrome.
4.2
Demo limitations
Only for demonstration purposes, the number of smartplugs that the STM3210C-EVAL can
manage is limited to 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21