| 전자부품 데이터시트 검색엔진 |
|
UPD70320 데이터시트(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD70320 데이터시트(HTML) 21 Page - NEC |
|
21 / 74 page ![]() DIVU reg8 mem8 reg16 mem16 Operation Code 1 1 1 1 0 1 1 0 1 1 1 1 0 1 1 0 1 1 1 1 0 1 1 1 1 1 1 1 0 1 1 1 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 Group Mnemonic Operand 2 2 to 4 2 2 to 4 Bytes Flags AC CY V P S Z temp ← AW When temp ÷ reg8 ≤ FFH AH ← temp%reg8, AL ← temp ÷ reg8 When temp ÷ reg8 > FFH (SP – 1, SP – 2) ← PSW, (SP – 3, SP – 4) ← PS (SP – 5, SP – 6) ← PC, SP ← SP – 6 IE ← 0, BRK ← 0, PS ← (3, 2), PC ← (1, 0) temp ← AW When temp ÷ (mem8) ≤ FFH AH ← temp%(mem8), AL ← temp ÷ (mem8) When temp ÷ (mem8) > FFH (SP – 1, SP – 2) ← PSW, (SP – 3, SP – 4) ← PS (SP – 5, SP – 6) ← PC, SP ← SP – 6 IE ← 0, BRK ← 0, PS ← (3, 2), PC ← (1, 0) temp ← DW, AW When temp ÷ reg16 ≤ FFFFH DW ← temp%reg16, AW ← temp ÷ reg16 When temp ÷ reg16 > FFFFH (SP – 1, SP – 2) ← PSW, (SP – 3, SP – 4) ← PS (SP – 5, SP – 6) ← PC, SP ← SP – 6 IE ← 0, BRK ← 0, PS ← (3, 2), PC ← (1, 0) temp ← DW, AW When temp ÷ (mem16) ≤ FFFFH DW ← temp%(mem16), AW ← temp ÷ (mem16) When temp ÷ (mem16) > FFFFH (SP – 1, SP – 2) ← PSW, (SP – 3, SP – 4) ← PS (SP – 5, SP – 6) ← PC, SP ← SP – 6 IE ← 0, BRK ← 0, PS ← (3, 2), PC ← (1, 0) Operation Unsign- ed division 1 1 1 1 0 reg mod 1 1 0 mem 1 1 1 1 0 reg mod 1 1 0 mem U U U U U U U U U U U U U U U U U U U U U U U U |