전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TN0076 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 TN0076
상세설명  Improving PCB traceability with RFID technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0076 데이터시트(HTML) 2 Page - STMicroelectronics

  TN0076 Datasheet HTML 1Page - STMicroelectronics TN0076 Datasheet HTML 2Page - STMicroelectronics TN0076 Datasheet HTML 3Page - STMicroelectronics TN0076 Datasheet HTML 4Page - STMicroelectronics TN0076 Datasheet HTML 5Page - STMicroelectronics TN0076 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TN0076
2/6
Moreover, this information can be encrypted by the reader before programming so the data
stored in the tag are useless to anybody else who might be reading it. Most RFID tag ICs
also come with several data protection schemes to help protect their contents.
When it comes to implementation, RFID chips are available from STMicroelectronics in a
soldering-friendly package such as UFDFPN8 (MLP8).
As far as the antenna is concerned, designers would replicate what RFID antenna
designers do. To some extent, the inlay process is a very simple, one-layer, thin-flex PCB
process where the antenna is etched off. STMicroelectronics application note AN2866
provides insight for designing and validating an RFID antenna.
You can design three types of antenna: on-board, off-board and daughterboard antennas.
Antenna types
On-board antennas
Figure 1 shows an on-board antenna example. The pros and cons are then summarized.
Figure 1.
On-board antenna
Pros
●
Integrated and compact solution
●
No connector, better reliability
Cons
●
Less space available on the PCB for a large antenna. Read range may then be smaller
●
More sophisticated PCB design to avoid interference with the RF signal
ai15978



Html Pages

1 2 3 4 5 6