전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0193 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 UM0193
상세설명  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 13Page - STMicroelectronics UM0193 Datasheet HTML 14Page - STMicroelectronics UM0193 Datasheet HTML 15Page - STMicroelectronics UM0193 Datasheet HTML 16Page - STMicroelectronics UM0193 Datasheet HTML 17Page - STMicroelectronics UM0193 Datasheet HTML 18Page - STMicroelectronics UM0193 Datasheet HTML 19Page - STMicroelectronics UM0193 Datasheet HTML 20Page - STMicroelectronics UM0193 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
UM0193
Software
17/35
2
Software
The CD-ROM delivered with the ARMIC30 Evaluation Board contains several software
examples demonstrating the use of microcontroller peripheral circuits. These examples use
the standard STR730 software library which is available on www.st.com. Examples are
created using the IAR Embedded Workbench for ARM development tools and appropriate
project files are available on the CD-ROM.
The STR730 microcontroller is delivered pre-programmed with the “GPIO_ARMIC”
example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35