전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0238 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 UM0238
상세설명  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button UM0238 Datasheet HTML 2Page - STMicroelectronics UM0238 Datasheet HTML 3Page - STMicroelectronics UM0238 Datasheet HTML 4Page - STMicroelectronics UM0238 Datasheet HTML 5Page - STMicroelectronics UM0238 Datasheet HTML 6Page - STMicroelectronics UM0238 Datasheet HTML 7Page - STMicroelectronics UM0238 Datasheet HTML 8Page - STMicroelectronics UM0238 Datasheet HTML 9Page - STMicroelectronics UM0238 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Functional description
STR91x demonstration software
6/20
1.5.2
LEDs
4 general purpose LEDs are available as display devices.
1.5.3
Joystick
4-direction joystick with selection key.
1.6
Interfaces
1.6.1
CAN
The STR910-EVAL evaluation board supports CAN2.0A/B compliant CAN bus
communication based on a 3.3V CAN transceiver. Both High-speed mode and slope control
mode are available and can be selected by setting a dedicated jumper.
1.6.2
Ethernet
The STR910-EVAL supports IEEE-802.3-2002 compliant Ethernet communication via the
MII interface PHY transceiver (STE100P) with PHY address 10101b and an integrated RJ45
connector with embedded transformer.
1.6.3
RS232
The STR91x evaluation board (STR910-EVAL) provides three on-board RS232 serial ports.
Two channels, UART1 and UART2, use one RS232 transceiver U14.
UART0 uses the RS232 transceiver U13 with full modem control support.
All these RS232 ports are terminated by three male DB9 connectors.
1.6.4
Infrared data access (IrDA)
An on-board IrDA transceiver is available on U9 and the UART1 channel can be configured
to support IrDA communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com