전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3997 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 AN3997
상세설명  Audio playback and recording using the STM32F4DISCOVERY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3997 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button AN3997 Datasheet HTML 7Page - STMicroelectronics AN3997 Datasheet HTML 8Page - STMicroelectronics AN3997 Datasheet HTML 9Page - STMicroelectronics AN3997 Datasheet HTML 10Page - STMicroelectronics AN3997 Datasheet HTML 11Page - STMicroelectronics AN3997 Datasheet HTML 12Page - STMicroelectronics AN3997 Datasheet HTML 13Page - STMicroelectronics AN3997 Datasheet HTML 14Page - STMicroelectronics AN3997 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN3997
How to use the audio playback and recording application
Doc ID 022390 Rev 1
13/15
1.
Program the firmware upgrade application in the internal Flash memory
2.
Open the project (under Project\Audio_playback_and_record) with a toolchain of your
choice
3.
Select "MEDIA_IntFLASH" or "MEDIA_USB_KEY" workspace depending on the mass
storage media memory used.
4.
Compile, load it into target memory and run it.
Another option is to use the embedded Bootloader or any in-system programming tool to
reprogram this application easily.
●
Use STM32F4-Discovery_Audio_USB_V1.0.0.hex or STM32F4-
Discovery_Audio_IntFLASH_V1.0.0.hex with any "in-system programming tool" such
as STM32 ST-LINK Utility
●
Use STM32F4-Discovery_Audio_USB_V1.0.0.dfu or STM32F4-
Discovery_Audio_IntFLASH_V1.0.0.dfu with "DFUse\DFUse Demonstration" tool
For more details please refer to section 4 of UM1467.
If you select "MEDIA_USB_KEY" configuration, you should proceed as follows:
1.
Load a wave file to the root of a USB key, this file should have the format described in
Section 2.3.1: Playback from USB key.
2.
Plug the USB key into the STM32F4DISCOVERY board through 'USB micro A-Male to
A-Female' cable (connector CN5)
3.
Then follow the description provided in Section 2.2: Firmware driver description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15