전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM0585 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 UM0585
상세설명  STM32F10x DSP library
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0585 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button UM0585 Datasheet HTML 8Page - STMicroelectronics UM0585 Datasheet HTML 9Page - STMicroelectronics UM0585 Datasheet HTML 10Page - STMicroelectronics UM0585 Datasheet HTML 11Page - STMicroelectronics UM0585 Datasheet HTML 12Page - STMicroelectronics UM0585 Datasheet HTML 13Page - STMicroelectronics UM0585 Datasheet HTML 14Page - STMicroelectronics UM0585 Datasheet HTML 15Page - STMicroelectronics UM0585 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Complex 16-bit radix-4 FFT
UM0585
12/25
Doc ID 14988 Rev 2
1.
Comment all the FFT coefficients in the FFT function assembly file.
/* TableFFT_V7
;N=16
DC16 0x4000,0x0000, 0x4000,0x0000, 0x4000,0x0000
DC16 0xdd5d,0x3b21, 0x22a3,0x187e, 0x0000,0x2d41
DC16 0xa57e,0x2d41, 0x0000,0x2d41, 0xc000,0x4000
DC16 0xdd5d,0xe782, 0xdd5d,0x3b21, 0xa57e,0x2d41
; N=64
DC16 0x4000,0x0000, 0x4000,0x0000, 0x4000,0x0000
DC16 0x2aaa,0x1294, 0x396b,0x0646, 0x3249,0x0c7c
...
*/
2.
Then, in the main, include the table_fft.h file, which is a part of the DSP library.
3.
Finally, go to the FFT function assembly code, and inverse the comment in the following
lines:
ADRL
R0, TableFFT_V7
/* Coeff in Flash */
//LDR.W R0, =TableFFT
/* Coeff in RAM */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25