| 전자부품 데이터시트 검색엔진 |
|
UM1045 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1045 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 36 page ![]() EVALSPEAr320HMI Connector pinouts Doc ID 18410 Rev 3 19/36 5.6 ET057010DHU LCD interface connector (J600) 5.7 EDT unified LCD interface connector (J601) Table 16. ET057010DHU LCD interface connector pinout (J600) Pin Description Pin Description Pin Description Pin Description 1 L/R 11 CLLP (HSYNC) 21 CLD7 (R7) 31 CLD17 (B1) 2 U/D 12 CLCP (DCLK) 22 CLD8 (G0) 32 CLD18 (B2) 3 GND 13 GND 23 CLD9 (G1) 33 CLD19 (B3) 4 GND 14 CLD0 (R0) 24 CLD10 (G2) 34 CLD20 (B4) 5 +3V3 15 CLD1 (R1) 25 CLD11 (G3) 35 CLD21 (B5) 6 +3V3 16 CLD2 (R2) 26 CLD12 (G4) 36 CLD22 (B6) 7 CLPOWER (PWCTRL) 17 CLD3 (R3) 27 CLD13 (G5) 37 CLD23 (B7) 8 LCD_LEDCTRL (LEDCTRL) 18 CLD4 (R4) 28 CLD14 (G6) 38 nRESET 9 CLAC (ENB) 19 CLD5 (R5) 29 CLD15 (G7) 39 GND 10 CLFP (VSYNC) 20 CLD6 (R6) 30 CLD16 (B0) 40 +3V3 Table 17. EDT Unified LCD interface connector pinout (J601) Pin Description Pin Description Pin Description Pin Description 1 GND 11 CLD14 (B2) 21 GND 31 CLFP (VSYNC) 2 GND 12 CLD13 (B1) 22 CLD5 (R5) 32 CLAC (ENB) 3 +3V3 13 Intensity Bit / CLD17 (B0) 23 CLD4 (R4) 33 Rotate 4 +3V3 14 GND 24 CLD3 (R3) 34 NC 5 CLPOWER (PWCTRL) 15 CLD11 (G5) 25 CLD2 (R2) 35 GND 6 LCD_LEDCTRL (LEDCTRL) 16 CLD10 (G4) 26 CLD1 (R1) 36 +3V3 |