전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4080 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN4080
상세설명  This application note is intended for system designers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4080 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN4080 Datasheet HTML 25Page - STMicroelectronics AN4080 Datasheet HTML 26Page - STMicroelectronics AN4080 Datasheet HTML 27Page - STMicroelectronics AN4080 Datasheet HTML 28Page - STMicroelectronics AN4080 Datasheet HTML 29Page - STMicroelectronics AN4080 Datasheet HTML 30Page - STMicroelectronics AN4080 Datasheet HTML 31Page - STMicroelectronics AN4080 Datasheet HTML 32Page - STMicroelectronics AN4080 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID023035 Rev 4
29/35
AN4080
Reference design
34
Figure 11. STM32F051R8 microcontroller reference schematic
Note:
If no external battery is used in the application, it is recommended to connect VBAT
externally to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35