전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4117 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 AN4117
상세설명  Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4117 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button AN4117 Datasheet HTML 14Page - STMicroelectronics AN4117 Datasheet HTML 15Page - STMicroelectronics AN4117 Datasheet HTML 16Page - STMicroelectronics AN4117 Datasheet HTML 17Page - STMicroelectronics AN4117 Datasheet HTML 18Page - STMicroelectronics AN4117 Datasheet HTML 19Page - STMicroelectronics AN4117 Datasheet HTML 20Page - STMicroelectronics AN4117 Datasheet HTML 21Page - STMicroelectronics AN4117 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN4117
Measurement equipment
Doc ID 023222 Rev 1
19/22
4
Measurement equipment
The following equipment was used for the measurements.
Table 1.
Measurement equipment
Measurement
Instrument type
Instrument model
RX
Signal generator
Agilent ESG E4438C
TX
Signal analyzer
R&S FSIQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22