전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4141 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 AN4141
상세설명  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 19Page - STMicroelectronics AN4141 Datasheet HTML 20Page - STMicroelectronics AN4141 Datasheet HTML 21Page - STMicroelectronics AN4141 Datasheet HTML 22Page - STMicroelectronics AN4141 Datasheet HTML 23Page - STMicroelectronics AN4141 Datasheet HTML 24Page - STMicroelectronics AN4141 Datasheet HTML 25Page - STMicroelectronics AN4141 Datasheet HTML 26Page - STMicroelectronics AN4141 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DocID023425 Rev 2
23/42
AN4141
HAL to StdPeriph_Lib list of changes
The STM32W108xx FWLib-specific types are also defined in stm32w108xx.h. These types
are as shown below.
FWLib specific types
typedef enum {RESET = 0, SET = !RESET} FlagStatus, ITStatus;
typedef enum {DISABLE = 0, ENABLE = !DISABLE} FunctionalState;
#define IS_FUNCTIONAL_STATE(STATE) (((STATE) == DISABLE) || ((STATE) ==
ENABLE))
typedef enum {ERROR = 0, SUCCESS = !ERROR} ErrorStatus;
uc32
const uint32_t
read access only unsigned 32-bit data
uc16
const uint16_t
read access only unsigned 16-bit data
uc8
const uint8_t
read access only unsigned 8-bit data
vu32
__IO uint32_t
volatile read and write access unsigned 32-bit data
vu16
__IO uint16_t
volatile read and write access unsigned 16-bit data
vu8
__IO uint8_t
volatile read and write access unsigned 8-bit data
vuc32
__I uint32_t
volatile read access only unsigned 32-bit data
vuc16
__I uint16_t
volatile read access only unsigned 16-bit data
vuc8
__I uint8_t
volatile read access only unsigned 8-bit data
Table 6. STM32W108xx HAL vs. CMSIS types (continued)
STM32W108 HAL
types
CMSIS types
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42