전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4143 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 AN4143
상세설명  Demonstration board user guidelines for the low voltage high bandwidth STG3220 dual SPDT switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4143 데이터시트(HTML) 2 Page - STMicroelectronics

  AN4143 Datasheet HTML 1Page - STMicroelectronics AN4143 Datasheet HTML 2Page - STMicroelectronics AN4143 Datasheet HTML 3Page - STMicroelectronics AN4143 Datasheet HTML 4Page - STMicroelectronics AN4143 Datasheet HTML 5Page - STMicroelectronics AN4143 Datasheet HTML 6Page - STMicroelectronics AN4143 Datasheet HTML 7Page - STMicroelectronics AN4143 Datasheet HTML 8Page - STMicroelectronics AN4143 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Description
AN4143
2/9
Doc ID 023460 Rev 1
1
Description
The STG3220 demonstration board is designed for the low-voltage high bandwidth
STG3220 dual SPDT switch. The STG3220 device, in a tiny QFN package, is mounted on
a 4-layer PCB with impedance matched signal tracks. An easily accessible USB connector
on the board allows the board to be used as the USB switch and can be connected to
another USB port (PC host, USB hub, etc.). On the other side of the board there are two
USB receptacles and thanks to the STG3220 device, one of the USB receptacles is active
and connected to the USB port. The active (ON path) is chosen by the manual switch and it
is indicated by the luminous LED diode.
The demonstration board is powered through a USB connector P0, so that it is fully
functional if the P0 is properly connected to the USB port. For the STG3220 device, the USB
VBUS line voltage is decreased to 3.3 V and stabilized by the adjustable and fixed low drop
positive voltage regulator LD1117S33 (component U2).
Table 1.
Main components and connectors
Designator
Description
SW1
USB path selector switch:
USB2 position: P0 - P2 USB path selected, D1 green LED diode is luminous
USB1 position: P0 - P1 USB path selected, D2 green LED diode is luminous
PO
USB connector. Can be connected to USB port (PC, USB hub, etc.)
P1, P2
USB receptacle. USB port for USB device
D3
The yellow LED diode is luminous if the host is in dedicated port charging mode. The
STG3220 device has a built-in dedicated port charging detection circuit to detect the
condition when the USB D+/D- lines are both in high state.
USB2
USB1



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com