전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2857-2 데이터시트(PDF) 3 Page - Linear Technology

부품명 LTC2857-2
상세설명  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2857-2 데이터시트(HTML) 3 Page - Linear Technology

  LTC2857-2_15 Datasheet HTML 1Page - Linear Technology LTC2857-2_15 Datasheet HTML 2Page - Linear Technology LTC2857-2_15 Datasheet HTML 3Page - Linear Technology LTC2857-2_15 Datasheet HTML 4Page - Linear Technology LTC2857-2_15 Datasheet HTML 5Page - Linear Technology LTC2857-2_15 Datasheet HTML 6Page - Linear Technology LTC2857-2_15 Datasheet HTML 7Page - Linear Technology LTC2857-2_15 Datasheet HTML 8Page - Linear Technology LTC2857-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
3
285678ff
For more information www.linear.com/LTC2856-1
LTC2856 C
DD
-1
#TR PBF
LEAD FREE DESIGNATOR
TAPE AND REEL
TR = Tape and Reel
SPEED
-1 = 20Mbps Max. Data Rate
-2 = 250kbps Max. Data Rate
PACKAGE TYPE
DD = 8-Lead Plastic DFN (LTC2856, LTC2858)
MS8 = 8-Lead Plastic MSOP (LTC2856, LTC2857)
MS = 10-Lead Plastic MSOP (LTC2858)
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
LTC2856 = Half Duplex, with Enables
LTC2857 = Full Duplex, no Enables
LTC2858 = Full Duplex, with Enables
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
orDer inFormaTion
proDucT selecTion guiDe
PART NUMBER
PART MARKING
MAX DATA RATE (Mbps)
DUPLEX
LOW POWER
SHUTDOWN MODE
PACKAGE
LTC2856-1
LTCMF, LCMG
20
Half
Yes
MSOP-8, DFN-8
LTC2856-2
LTCMH, LCMJ
0.25
Half
Yes
MSOP-8, DFN-8
LTC2857-1
LTCMC, LCMD
20
Full
No
MSOP-8, DFN-8
LTC2857-2
LTCMK, LCMM
0.25
Full
No
MSOP-8, DFN-8
LTC2858-1
LTCGQ, LCGR
20
Full
Yes
MSOP-10, DFN-10
LTC2858-2
LTCMQ, LCMR
0.25
Full
Yes
MSOP-10, DFN-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com