전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC2858-2 데이터시트(PDF) 1 Page - Linear Technology

부품명 LTC2858-2
상세설명  20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC2858-2 데이터시트(HTML) 1 Page - Linear Technology

  LTC2858-2_15 Datasheet HTML 1Page - Linear Technology LTC2858-2_15 Datasheet HTML 2Page - Linear Technology LTC2858-2_15 Datasheet HTML 3Page - Linear Technology LTC2858-2_15 Datasheet HTML 4Page - Linear Technology LTC2858-2_15 Datasheet HTML 5Page - Linear Technology LTC2858-2_15 Datasheet HTML 6Page - Linear Technology LTC2858-2_15 Datasheet HTML 7Page - Linear Technology LTC2858-2_15 Datasheet HTML 8Page - Linear Technology LTC2858-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2856-1/LTC2856-2
LTC2857-1/LTC2857-2
LTC2858-1/LTC2858-2
1
285678ff
For more information www.linear.com/LTC2856-1
Typical applicaTion
FeaTures
applicaTions
DescripTion
20Mbps and Slew Rate
Limited 15kV RS485/RS422
Transceivers
The LTC®2856-1, LTC2856-2, LTC2857-1, LTC2857-2,
LTC2858-1 and LTC2858-2 are low power, RS485/RS422
transceivers operating on 5V supplies at maximum data
rates of 20Mbps or 250kbps for low EMI. The receiver has
a one-eighth unit load, supporting up to 256 nodes per bus
(C, I-Grade), and a failsafe feature that guarantees a high
outputstateunderconditionsoffloatingorshortedinputs.
The driver maintains a high output impedance over the
entire common mode range when disabled or when the
supplyisremoved.Excessivepowerdissipationcausedby
bus contention or a fault is prevented by current limiting
all outputs and by thermal shutdown.
Enhanced ESD protection allows these parts to withstand
±15kV (human body model) on the transceiver interface
pins without latchup or damage.
n
20Mbps or Low EMI 250kbps Maximum Data Rate
n
No Damage or Latchup to ESD: ±15kV HBM
n
High Input Impedance Supports 256 Nodes
(C, I-Grade)
n
Operation Up to 125°C (H-Grade)
n
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
n
Current Limited Drivers and Thermal Shutdown
n
Delayed Micropower Shutdown: 5µA Maximum
(C, I-Grade)
n
Power Up/Down Glitch-Free Driver Outputs
n
Low Operating Current: 900µA Maximum in Receive
Mode
n
Compatible with TIA/EIA-485-A Specifications
n
Available in 8-Lead and 10-Lead 3mm
× 3mm DFN
and 8-Lead and 10-Lead MSOP Packages
n
Low Power RS485/RS422 Transceiver
n
Level Translator
n
Backplane Transceiver
VCC1
GND1
R
RO1
RE1
DE1
DI1
D
RT
LTC2856-1
LTC2856-1
RT
285678 TA01a
VCC2
GND2
R
RO2
RE2
DE2
DI2
D
PART
NUMBER
MAX DATA
RATE (Mbps)
DUPLEX
PACKAGE
LTC2856-1
20
Half
MSOP-8, DFN-8
LTC2856-2
0.25
Half
MSOP-8, DFN-8
LTC2857-1
20
Full
MSOP-8, DFN-8
LTC2857-2
0.25
Full
MSOP-8, DFN-8
LTC2858-1
20
Full
MSOP-10, DFN-10
LTC2858-2
0.25
Full
MSOP-10, DFN-10
DI
Y
Z
Y-Z
20ns/DIV
2856 TA01b
LTC2858-1 at 20Mbps
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


유사한 부품 번호 - LTC2858-2_15

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC2858-2 LINER-LTC2858-2 Datasheet
233Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results

유사한 설명 - LTC2858-2_15

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1 Datasheet
233Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2856-1 LINER-LTC2856-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2856-2 LINER-LTC2856-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2857-2 LINER-LTC2857-2_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
LTC2858-1 LINER-LTC2858-1_15 Datasheet
332Kb / 20P
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com