전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4229 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 AN4229
상세설명  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 18Page - STMicroelectronics AN4229 Datasheet HTML 19Page - STMicroelectronics AN4229 Datasheet HTML 20Page - STMicroelectronics AN4229 Datasheet HTML 21Page - STMicroelectronics AN4229 Datasheet HTML 22Page - STMicroelectronics AN4229 Datasheet HTML 23Page - STMicroelectronics AN4229 Datasheet HTML 24Page - STMicroelectronics AN4229 Datasheet HTML 25Page - STMicroelectronics AN4229 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Memory footprint
AN4229
22/26
DocID024112 Rev 1
4
Memory footprint
The footprint results are computed using EWARM v6.40 compiler with high size optimization
level.
Table 8. Project footprints
Project
Flash memory (bytes)
SRAM (bytes)
rw data
ro code
ro data
Demonstration on EVAL board
76 992
18 069
82 602
Demonstration on F4-Discovery
70 056
9 436
83 163
Simple_G711
26 692
9 451
10 660
Simple_G726
23 808
9 677
10 512
Simple_IMA-ADPCM
22 372
9 441
10 160
Simple_Speex
54 584
19 892
75 912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26