전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4232 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4232
상세설명  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4232 Datasheet HTML 1Page - STMicroelectronics AN4232 Datasheet HTML 2Page - STMicroelectronics AN4232 Datasheet HTML 3Page - STMicroelectronics AN4232 Datasheet HTML 4Page - STMicroelectronics AN4232 Datasheet HTML 5Page - STMicroelectronics AN4232 Datasheet HTML 6Page - STMicroelectronics AN4232 Datasheet HTML 7Page - STMicroelectronics AN4232 Datasheet HTML 8Page - STMicroelectronics AN4232 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID024134 Rev 2
5/17
AN4232
Overview of analog comparators
16
1
Overview of analog comparators
1.1
Hysteresis
A comparator compares the inverting input with the non-inverting input and even small
voltage fluctuations cause bounce on comparator the output. This bounce is not acceptable
in many applications. Figure 1 shows the output bouncing when the input is noisy.
Figure 1. Effect of a noisy input on a comparator output
This bounce on the comparator output can be prevented by adding hysteresis into
comparators. The analog comparators in STM32F37x and STM32F30x devices have a
configurable hysteresis value: no, low, medium and high hysteresis value. Table 2 shows
the typical values of an hysteresis in each configuration.
Caution:
The hysteresis feature is not available on the following microcontrollers:
STM32F301x6/8, STM32F302x6/8, STM32F303x4/6/8, STM32F334xx, STM32F302xD/E
and STM32F303xD/E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17