전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4313 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN4313
상세설명  Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4313 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN4313 Datasheet HTML 7Page - STMicroelectronics AN4313 Datasheet HTML 8Page - STMicroelectronics AN4313 Datasheet HTML 9Page - STMicroelectronics AN4313 Datasheet HTML 10Page - STMicroelectronics AN4313 Datasheet HTML 11Page - STMicroelectronics AN4313 Datasheet HTML 12Page - STMicroelectronics AN4313 Datasheet HTML 13Page - STMicroelectronics AN4313 Datasheet HTML 14Page - STMicroelectronics AN4313 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Projected sensor design
AN4313
12/15
DocID024816 Rev 1
Figure 9. Potential false key detection
Avoiding false detection
Follow these recommendations to avoid false touchkey detection:
The Tx and Rx tracks should never cross each other; but if they do, it must be at a right
angle.
When the Rx and Tx tracks go in the same direction and to places that are close
together, it is better to separate them with a ground which has to be more than twice
the width of each signal track.
To further reduce the coupling between the Tx and Rx tracks, the Tx signal can run
under the ground, in this case even if Rx is near the ground, coupling should not
happen.
If the Rx track is behind the Tx track from a user point of view, the user cannot modify
the electrical field. Obviously, if Rx and Tx signals are too far apart, there will be no
interaction.
Furthermore, you can consider these general guidelines:
The Tx and Rx tracks must be as thin as possible.
The Rx tracks must be as far as possible from the touchkey.
When there are several touchkeys, it is better to keep all the Tx tracks together and all
the Rx tracks together, which greatly reduces any false touchkey detection.
MS18994V1
Panel
Rx trace
Tx trace
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15