전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4316 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN4316
상세설명  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 2Page - STMicroelectronics AN4316 Datasheet HTML 3Page - STMicroelectronics AN4316 Datasheet HTML 4Page - STMicroelectronics AN4316 Datasheet HTML 5Page - STMicroelectronics AN4316 Datasheet HTML 6Page - STMicroelectronics AN4316 Datasheet HTML 7Page - STMicroelectronics AN4316 Datasheet HTML 8Page - STMicroelectronics AN4316 Datasheet HTML 9Page - STMicroelectronics AN4316 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Monitoring STMTouch driver variables using STM Studio
AN4316
6/26
DocID024847 Rev 2
3
Monitoring STMTouch driver variables using STM
Studio
The main parameters to trim a touch sensing application are:
•
The channel references, the “Ref” element of an array of TSL_ChannelData_T
structure
•
The channel deltas, the “Delta” element of an array of TSL_ChannelData_T structure
•
The object states, the “StateId” element of an array of TSL_TouchKeyData_T structure
or a TSL_LinRotData_T structure
This list is not exhaustive and will depends on the application.
The following procedure provides an easy way to import such variables:
1.
Open STM Studio
2.
Right-click in the “Display Variables” tab and select “Import...” or select the “File/Import
Variables” menu
3.
In the “Import variables from executable” window,
a)
select your application Elf file (.elf, .out or .axf) Through the “Executable file” field
using the browse button
b)
check the “Expand table elements” check-box
c)
Select the “Store executable path relatively to the user setting file” check box to
use relative path.
d)
enter “Ref” in the “Show symbol containing...” text box
e)
select “Add variables to the display variables table” in the Variables list box
f)
select the “.Ref” ended variables and click on “Import” button or Ctrl+Click to
operate an uncontinuous multi-selection
g)
repeat step d) and f) with Delta
h)
repeat step d) and f) with StateId
i)
click “Close” button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26